Manufacturer | Part # | Datasheet | Description |
ERNI Electronics |
109000
|
38Kb / 1P |
MiniMez Vertical Male SMT
|
109055
|
38Kb / 1P |
MiniMez Vertical Male SMT
|
109110
|
38Kb / 1P |
MiniMez Vertical Male SMT
|
109220
|
27Kb / 1P |
MiniMez Vertical Male DIP
|
109257
|
27Kb / 1P |
MiniMez Vertical Male DIP
|
109552
|
43Kb / 1P |
MiniMez Male with Ejector SMT Blindmate
|
109368
|
45Kb / 1P |
MiniMez Vertical Female SMT with pegs 4,6mm
|
109423
|
50Kb / 1P |
MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
|
109331
|
27Kb / 1P |
MiniMez Vertical Male DIP without pegs 7,4mm
|
109294
|
27Kb / 1P |
MiniMez Vertical Male DIP without pegs 5,4mm
|