Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109479 Datasheet (PDF) - ERNI Electronics

109479 Datasheet PDF - ERNI Electronics
Part # 109479
Download  109479 Download

File Size   28.17 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Female DIP w/o pegs 4,6mm

109479 Datasheet (PDF)

Go To PDF Page Download Datasheet
109479 Datasheet PDF - ERNI Electronics

Part # 109479
Download  109479 Click to download

File Size   28.17 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Female DIP w/o pegs 4,6mm

109479 Datasheet (HTML) - ERNI Electronics

109479 Datasheet HTML 1Page - ERNI Electronics



Similar Part No. - 109479

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109470 ERNI-109470 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109471 ERNI-109471 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109472 ERNI-109472 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109473 ERNI-109473 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109474 ERNI-109474 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
More results


Similar Description - 109479

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109672 ERNI-109672 Datasheet
25Kb / 1P
   MiniMez Male DIP Non-BM w/o Peg w/o Clip f. Female IDC
109585 ERNI-109585 Datasheet
42Kb / 1P
   MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109423 ERNI-109423 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com