Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123EKA Datasheet (PDF) - Rohm

DTC123EKA Datasheet PDF - Rohm
Part # DTC123EKA
Download  DTC123EKA Download

File Size   1246.71 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)

DTC123EKA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC123EKA Datasheet PDF - Rohm

Part # DTC123EKA
Download  DTC123EKA Click to download

File Size   1246.71 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)

DTC123EKA Datasheet (HTML) - Rohm

DTC123EKA Datasheet HTML 1Page - Rohm DTC123EKA Datasheet HTML 2Page - Rohm DTC123EKA Datasheet HTML 3Page - Rohm DTC123EKA Datasheet HTML 4Page - Rohm

DTC123EKA Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 2.2kΩ
2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .
3) Only the on/off conditions need to be set for operation, making the circuit design easy.
4) Complementary PNP Types: DTA123E series

Application
    INVERTER, INTERFACE, DRIVER




Similar Part No. - DTC123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKA ROHM-DTC123EKA Datasheet
85Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTC123EKA LRC-DTC123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTC123EKA ROHM-DTC123EKA Datasheet
167Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC123EKA ROHM-DTC123EKA Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC123EKA ROHM-DTC123EKA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistors
20160325 - Rev.001
More results


Similar Description - DTC123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com