Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F140 Datasheet (PDF) - Fox Electronics

F140 Datasheet PDF - Fox Electronics
Part # F140
Download  F140 Download

File Size   491.49 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.0x1.6mm 2.5V SMD Oscillator

F140 Datasheet (PDF)

Go To PDF Page Download Datasheet
F140 Datasheet PDF - Fox Electronics

Part # F140
Download  F140 Click to download

File Size   491.49 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.0x1.6mm 2.5V SMD Oscillator

F140 Datasheet (HTML) - Fox Electronics

F140 Datasheet HTML 1Page - Fox Electronics F140 Datasheet HTML 2Page - Fox Electronics



Similar Part No. - F140

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14009 LEDIL-F14009 Datasheet
279Kb / 5P
   Rose Assembly
F14009 LEDIL-F14009 Datasheet
284Kb / 8P
   Rose Assembly
logo
MTRONPTI
F1400A MTRONPTI-F1400A Datasheet
242Kb / 1P
   9x14 mm FR-4, 5.0 Volt, Sinewave, Clock Oscillator
F1400AM MTRONPTI-F1400AM Datasheet
242Kb / 1P
   9x14 mm FR-4, 5.0 Volt, Sinewave, Clock Oscillator
logo
Polyfet RF Devices
F1401 POLYFET-F1401 Datasheet
42Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
More results


Similar Description - F140

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O1HS FOX-O1HS Datasheet
306Kb / 6P
   HCMOS 2.0x1.6mm SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
   HCMOS 2.5x2.0mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
   HCMOS 3.2x2.5mm 2.5V SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com