Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-MC518R Datasheet (PDF) - Fox Electronics

FXU-MC518R Datasheet PDF - Fox Electronics
Part # FXU-MC518R
Download  FXU-MC518R Download

File Size   646.1 Kbytes
Page   11 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 1.8V Oscillator

FXU-MC518R Datasheet (PDF)

Go To PDF Page Download Datasheet
FXU-MC518R Datasheet PDF - Fox Electronics

Part # FXU-MC518R
Download  FXU-MC518R Click to download

File Size   646.1 Kbytes
Page   11 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 1.8V Oscillator

FXU-MC518R Datasheet (HTML) - Fox Electronics

Back Button FXU-MC518R Datasheet HTML 1Page - Fox Electronics FXU-MC518R Datasheet HTML 2Page - Fox Electronics FXU-MC518R Datasheet HTML 3Page - Fox Electronics FXU-MC518R Datasheet HTML 4Page - Fox Electronics FXU-MC518R Datasheet HTML 5Page - Fox Electronics FXU-MC518R Datasheet HTML 6Page - Fox Electronics FXU-MC518R Datasheet HTML 7Page - Fox Electronics FXU-MC518R Datasheet HTML 8Page - Fox Electronics FXU-MC518R Datasheet HTML 9Page - Fox Electronics FXU-MC518R Datasheet HTML 10Page - Fox Electronics Next Button 



Similar Part No. - FXU-MC518R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-MC520R FOX-FXU-MC520R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC525R FOX-FXU-MC525R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC526R FOX-FXU-MC526R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC528R FOX-FXU-MC528R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results


Similar Description - FXU-MC518R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com