Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4270 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4270 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4270
Download  PE4270 Download

File Size   428.86 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST CATV UltraCMOS

PE4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4270 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4270
Download  PE4270 Click to download

File Size   428.86 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST CATV UltraCMOS

PE4270 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE4270 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4270 Datasheet HTML 8Page - Peregrine Semiconductor Corp.

PE4270 Product details

Product Description
The PE4270 is a is a high-isolation Switch designed for CATV applications, covering a broad frequency range from 1 to 3000 MHz. This single-supply SPST switch offers a single-pin CMOS control interface with industry leading CTB performance. It also provides low insertion loss, high isolation and extremely low bias requirements while operating on a single 3-volt supply. In a typical CATV application, the PE4270 provides for a cost effective and manufacturable solution vs. mechanical relays.

Features
• Integrated 0.25 watt terminations
• CTB performance of 90 dBc
• High isolation: 90 dB at 5 MHz, 63 dB at 1000 MHz
• Low insertion loss: 0.5 dB at 50 MHz, 0.70 dB at 1000 MHz
• High input IP2: >80 dBm
• CMOS/TTL single-pin control
• Single +3-volt supply operation
• Extremely low bias: 8 µA @ 3 V
• Available in a 6-lead DFN package




Similar Part No. - PE4270

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
   SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS Switch
logo
Integrated Circuit Syst...
PE4270-EK ICST-PE4270-EK Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
   SPST CATV UltraCMOS??Switch
More results


Similar Description - PE4270

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
   SPST CATV UltraCMOS??Switch
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
   Absorptive SPST UltraCMOS?
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com