Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-05A3 Datasheet (PDF) - Sanyo Semicon Device

SB10-05A3 Datasheet PDF - Sanyo Semicon Device
Part # SB10-05A3
Download  SB10-05A3 Download

File Size   77.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High frequency rectification (switching regulators, converters, choppers).

SB10-05A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10-05A3 Datasheet PDF - Sanyo Semicon Device

Part # SB10-05A3
Download  SB10-05A3 Click to download

File Size   77.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High frequency rectification (switching regulators, converters, choppers).

SB10-05A3 Datasheet (HTML) - Sanyo Semicon Device

SB10-05A3 Datasheet HTML 1Page - Sanyo Semicon Device SB10-05A3 Datasheet HTML 2Page - Sanyo Semicon Device SB10-05A3 Datasheet HTML 3Page - Sanyo Semicon Device

SB10-05A3 Product details

Features
• Low forward voltage (VF max=0.58V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Average rectified current (IO=1.0A).

Applications
• High frequency rectification (switching regulators,
   converters, choppers).




Similar Part No. - SB10-05A3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05A3 SANYO-SB10-05A3 Datasheet
75Kb / 3P
   50V, 1.0A Rectifier
More results


Similar Description - SB10-05A3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
KEC(Korea Electronics)
KDR521T KEC-KDR521T Datasheet
64Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
KDR511T KEC-KDR511T Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
International Rectifier
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
International Rectifier
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com