Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0305S-2W Datasheet (PDF) - MORNSUN Science& Technology Ltd.

B0305S-2W Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # B0305S-2W
Download  B0305S-2W Download

File Size   447.6 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description DUAL/SINGLE OUTPUT DC-DC CONVERTER

B0305S-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
B0305S-2W Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # B0305S-2W
Download  B0305S-2W Click to download

File Size   447.6 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description DUAL/SINGLE OUTPUT DC-DC CONVERTER

B0305S-2W Datasheet (HTML) - MORNSUN Science& Technology Ltd.

B0305S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0305S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0305S-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0305S-2W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0305S-2W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.

B0305S-2W Product details

FEATURES
● Efficiency up to 86%
● 1KVDC isolation
● SIP package
● High power density
● Low temperature rise
● Operating temperature range: -40°C ~ +85°C
● No external component required
● Industry standard pinout

APPLICATIONS
The A_S-2W & B_S-2W Series are designed for application where isolated output is required from a distributed power system.
These products apply to where:
1) Input voltage variation ≤ ±10%;
2) 1KVDC input and output isolation;
3) Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits, and IGBT power device driving circuits.




Similar Part No. - B0305S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B0305S-1W REICU-B0305S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0305S-1WR2 MORNSUN-B0305S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B0305S-1WR2 REICU-B0305S-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0305S-W2R2 MORNSUN-B0305S-W2R2 Datasheet
1Mb / 4P
   0.25W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B0305S-W5 REICU-B0305S-W5 Datasheet
3Mb / 1P
   1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
More results


Similar Description - B0305S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com