Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ22 Datasheet (PDF) - Diodes Incorporated

SMAZ22 Datasheet PDF - Diodes Incorporated
Part # SMAZ22
Download  SMAZ22 Download

File Size   129.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W SURFACE MOUNT ZENER DIODE

SMAZ22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAZ22 Datasheet PDF - Diodes Incorporated

Part # SMAZ22
Download  SMAZ22 Click to download

File Size   129.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W SURFACE MOUNT ZENER DIODE

SMAZ22 Datasheet (HTML) - Diodes Incorporated

SMAZ22 Datasheet HTML 1Page - Diodes Incorporated SMAZ22 Datasheet HTML 2Page - Diodes Incorporated SMAZ22 Datasheet HTML 3Page - Diodes Incorporated SMAZ22 Datasheet HTML 4Page - Diodes Incorporated SMAZ22 Datasheet HTML 5Page - Diodes Incorporated

SMAZ22 Product details

Features
• 1.0W Power Dissipation
• High Surge Capability
• Ideally Suited for Automatic Assembly
• 5.1V - 39V Nominal Zener Voltage Range
• Standard VZ Tolerance is ± 5%




Similar Part No. - SMAZ22

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ22 DIODES-SMAZ22 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ22 DIODES-SMAZ22 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ22 DIODES-SMAZ22 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ22 VISHAY-SMAZ22 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ22 DIODES-SMAZ22 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Similar Description - SMAZ22

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com