Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2073B Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2073B Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2073B
Download  SF2073B Download

File Size   423.97 Kbytes
Page   9 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 456.00 MHz SAW Filter

SF2073B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2073B Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2073B
Download  SF2073B Click to download

File Size   423.97 Kbytes
Page   9 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 456.00 MHz SAW Filter

SF2073B Datasheet (HTML) - Murata Manufacturing Co., Ltd.

SF2073B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SF2073B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.

SF2073B Product details

456.00 MHz SAW Filter

• Designed for 802.16 and WIMAX Receiver IF Application
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Differential or Single Ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2073B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2073B RFM-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
More results


Similar Description - SF2073B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2042B MURATA-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2042B RFM-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
SF2073B RFM-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
SF2042C RFM-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2042C MURATA-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
logo
EPCOS
B5032 EPCOS-B5032 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 456.00 MHz
B5011 EPCOS-B5011 Datasheet
83Kb / 8P
   SAW Components Low-Loss Filter for WiMAX 456.00 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com