Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE56060 Datasheet (PDF) - NTE Electronics

NTE56060 Datasheet PDF - NTE Electronics
Part # NTE56060
Download  NTE56060 Download

File Size   25.22 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description NTE56058 thru NTE56060 TRIAC, 16A

NTE56060 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE56060 Datasheet PDF - NTE Electronics

Part # NTE56060
Download  NTE56060 Click to download

File Size   25.22 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description NTE56058 thru NTE56060 TRIAC, 16A

NTE56060 Datasheet (HTML) - NTE Electronics

NTE56060 Datasheet HTML 1Page - NTE Electronics NTE56060 Datasheet HTML 2Page - NTE Electronics

NTE56060 Product details

Description:
The NTE56058 through NTE56060 are glass passivated TRIACs in an isolated full–pack type package designed for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.




Similar Part No. - NTE56060

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56060 NTE-NTE56060 Datasheet
21Kb / 2P
   TRIAC, 16A
More results


Similar Description - NTE56060

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
   TRIAC, 16A
logo
Renesas Technology Corp
BCR16FM-14LB RENESAS-BCR16FM-14LB_17 Datasheet
833Kb / 9P
   700V - 16A - Triac
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
   16A SNUBBERLESS TRIAC
logo
NEC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
   16A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
   600V 16A TRIAC
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
   TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
   800V - 16A - Triac
Oct. 10, 2019
logo
NTE Electronics
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
   TRIAC, 16A, High Commutation
logo
Sanken electric
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
   TO-3PF 16A Triac
logo
NTE Electronics
NTE56042 NTE-NTE56042 Datasheet
20Kb / 2P
   TRIAC, 16A, Sensitive Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com