Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE30A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

P4KE30A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # P4KE30A
Download  P4KE30A Download

File Size   132.45 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRANSZORB짰 Transient Voltage Suppressors

P4KE30A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE30A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # P4KE30A
Download  P4KE30A Click to download

File Size   132.45 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRANSZORB짰 Transient Voltage Suppressors

P4KE30A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

P4KE30A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. P4KE30A Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. P4KE30A Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.

P4KE30A Product details

FEATURES:
* 400W surge capability at 1 ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min)
* Typical IR less then 1μA above 10V
* Pb/RoHS Free




Similar Part No. - P4KE30A

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
P4KE30A SY-P4KE30A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE30A UNSEMI-P4KE30A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE30A PANJIT-P4KE30A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE30A ZOWIE-P4KE30A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE30A DIOTEC-P4KE30A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Similar Description - P4KE30A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P6KE6.8A NJSEMI-P6KE6.8A Datasheet
139Kb / 3P
   TRANSZORB짰 Transient Voltage Suppressors
logo
Vishay Siliconix
BZW04-5V8 VISHAY-BZW04-5V8 Datasheet
84Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
P4KE68A VISHAY-P4KE68A Datasheet
83Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
ICTE5 VISHAY-ICTE5_V01 Datasheet
95Kb / 5P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
15KE68A VISHAY-15KE68A Datasheet
111Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
SA50A VISHAY-SA50A Datasheet
92Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
5KP50A VISHAY-5KP50A Datasheet
88Kb / 5P
   TRANSZORB짰 Transient Voltage Suppressors
02-Oct-12
5KP85A VISHAY-5KP85A Datasheet
88Kb / 5P
   TRANSZORB짰 Transient Voltage Suppressors
09-Jul-2021
P6KE68A VISHAY-P6KE68A Datasheet
89Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
MSMP60A VISHAY-MSMP60A Datasheet
105Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com