Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CM-836M50-B268-W Datasheet (PDF) - Fujitsu Component Limited.

FAR-F5CM-836M50-B268-W Datasheet PDF - Fujitsu Component Limited.
Part # FAR-F5CM-836M50-B268-W
Download  FAR-F5CM-836M50-B268-W Download

File Size   128.55 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SAW Filter (700 to 1000 MHz)

FAR-F5CM-836M50-B268-W Datasheet (PDF)

Go To PDF Page Download Datasheet
FAR-F5CM-836M50-B268-W Datasheet PDF - Fujitsu Component Limited.

Part # FAR-F5CM-836M50-B268-W
Download  FAR-F5CM-836M50-B268-W Click to download

File Size   128.55 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SAW Filter (700 to 1000 MHz)

FAR-F5CM-836M50-B268-W Datasheet (HTML) - Fujitsu Component Limited.

Back Button FAR-F5CM-836M50-B268-W Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CM-836M50-B268-W Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

FAR-F5CM-836M50-B268-W Product details

■ DESCRIPTION
The F5CM series of SAW filters have balanced in/unbalanced out or unbalanced in/balanced out of I/O ports. Therefore these filters are suitable for the design using balanced type of IC. By using these filters, any transforming devises, such as balun is not required.
The F5CM series filters apply to the frequency range 700 to 1000MHz. High performance has been realized with high reliability and small size by using original materials and original design.
The F5CM series filters are suitable for RF interstage filter in mobile communication systems and standard parts are available for GSM and AMPS/TDMA/CDMA standards.
   
■ FEATURES
• Balanced/unbalanced I/O ports
• Ultra compact and light package (3.0 mm × 3.0 mm package)
• Any external matching network is not required
• Excellent stopband attenuation
• Small inband ripple
• Surface mount package (SMT)
   




Similar Part No. - FAR-F5CM-836M50-B268-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results


Similar Description - FAR-F5CM-836M50-B268-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Fujitsu Component Limit...
FAR-G5CN FUJITSU-FAR-G5CN Datasheet
494Kb / 39P
   SAW Dual Filter (700 to 2000 MHz)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com