Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3058 Datasheet (PDF) - NEC

2SK3058 Datasheet PDF - NEC
Part # 2SK3058
Download  2SK3058 Download

File Size   72.37 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

2SK3058 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3058 Datasheet PDF - NEC

Part # 2SK3058
Download  2SK3058 Click to download

File Size   72.37 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

2SK3058 Datasheet (HTML) - NEC

2SK3058 Datasheet HTML 1Page - NEC 2SK3058 Datasheet HTML 2Page - NEC 2SK3058 Datasheet HTML 3Page - NEC 2SK3058 Datasheet HTML 4Page - NEC 2SK3058 Datasheet HTML 5Page - NEC 2SK3058 Datasheet HTML 6Page - NEC 2SK3058 Datasheet HTML 7Page - NEC 2SK3058 Datasheet HTML 8Page - NEC

2SK3058 Product details

DESCRIPTION

This product is N-Channel MOS Field Effect Transistor designed for high current switching applications.



FEATURES

• Super Low On-State Resistance

RDS(on)1 = 17 mΩ MAX. (VGS = 10 V, ID = 28 A)

RDS(on)2 = 27 mΩ MAX. (VGS = 4.0 V, ID = 28 A)

• Low Ciss : Ciss = 2100 pF (TYP.)

• Built-in Gate Protection Diode




Similar Part No. - 2SK3058

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3058 ISC-2SK3058 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3058 RENESAS-2SK3058 Datasheet
323Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Inchange Semiconductor ...
2SK3058-S ISC-2SK3058-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3058-S RENESAS-2SK3058-S Datasheet
323Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
2SK3058-Z RENESAS-2SK3058-Z Datasheet
323Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results


Similar Description - 2SK3058

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com