Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6467US Datasheet (PDF) - Microsemi Corporation

1N6467US Datasheet PDF - Microsemi Corporation
Part # 1N6467US
Download  1N6467US Download

File Size   508.47 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional

1N6467US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6467US Datasheet PDF - Microsemi Corporation

Part # 1N6467US
Download  1N6467US Click to download

File Size   508.47 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional

1N6467US Datasheet (HTML) - Microsemi Corporation

1N6467US Datasheet HTML 1Page - Microsemi Corporation 1N6467US Datasheet HTML 2Page - Microsemi Corporation 1N6467US Datasheet HTML 3Page - Microsemi Corporation 1N6467US Datasheet HTML 4Page - Microsemi Corporation 1N6467US Datasheet HTML 5Page - Microsemi Corporation 1N6467US Datasheet HTML 6Page - Microsemi Corporation

1N6467US Product details

DESCRIPTION
This series of industry recognized voidless-hermetically-sealed Unidirectional Transient Voltage Suppressor (TVS) designs is military qualified to MIL-PRF- 19500/551 and are ideal for high-reliability applications where a failure cannot be tolerated. They provide a Working Peak “Standoff” Voltage selection from 5.0 to 51.6 Volts with 500 W ratings. They are very robust in hard-glass construction and also use an internal metallurgical bond identified as Category I for high reliability applications

FEATURES
• High surge current and peak pulse power provides transient voltage protection for sensitive circuits
• Triple-layer passivation
• Internal “Category I” metallurgical bonds
• Voidless hermetically sealed glass package
• JAN/TX/TXV military qualifications available per MILPRF-19500/551 by adding JAN, JANTX, or JANTXV prefix
• Further options for screening in accordance with MILPRF-19500 for JANS by using a “SP” prefix, e.g. SP6462, SP6468, etc.
• Surface Mount equivalents are also available in a square-end-cap MELF configuration with a “US” suffix (see separate data sheet)

APPLICATIONS / BENEFITS
• Military and other high reliability transient protection
• Extremely robust construction
• Working Peak “Standoff” Voltage (VWM) from 5.0 to 51.6 V
• Available as 500 W Peak Pulse Power (PPP)
• ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4 respectively
• Secondary lightning protection per select levels in IEC61000-4-5
• Flexible axial-leaded mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N6467US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6467US MICROSEMI-1N6467US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
logo
Semtech Corporation
1N6467US SEMTECH-1N6467US Datasheet
128Kb / 4P
   QPL 500 Watt Surface Mount TVS
logo
Microsemi Corporation
1N6467US MICROSEMI-1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6467US MICROSEMI-1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
More results


Similar Description - 1N6467US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
   Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
   Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N8149 MICROSEMI-1N8149 Datasheet
420Kb / 6P
   Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
Rev x
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com