Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2335 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SC2335 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SC2335
Download  2SC2335 Download

File Size   83.6 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE SERIES NPN POWER TRANSISTORS

2SC2335 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2335 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SC2335
Download  2SC2335 Click to download

File Size   83.6 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE SERIES NPN POWER TRANSISTORS

2SC2335 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

2SC2335 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2SC2335 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

2SC2335 Product details

SWITCHMODE SERIES NPN POWER TRANSISTORS

... designed for use in high-voltage,high-speed,pow«r switching in inductive circuit, they are particularly suited for 115 and 220 V switcmode applications such as switching regulators.inverters.DC -DC and converter

FEATURES:
• Collector-Emittor Sustaining Voltagec-
   VCEO(sus) = 400 V (Min)
• Collector-Emitter Saturation Voltage -
   VCE(sat) = 1.0 V (Max.) @ lc = 3.0 A, IB = 0.6 A
• Switching Time -tf, = 1.0 us (Max.) @ lc =3.0 A



Similar Part No. - 2SC2335

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Savantic, Inc.
2SC2335 SAVANTIC-2SC2335 Datasheet
149Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2335 JMNIC-2SC2335 Datasheet
211Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2335 ISC-2SC2335 Datasheet
181Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2335 SAVANTIC-2SC2335 Datasheet
150Kb / 4P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC2335

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4242 UTC-2SC4242 Datasheet
145Kb / 4P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
   SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com