Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20N6S2D Datasheet (PDF) - Fairchild Semiconductor

20N6S2D Datasheet PDF - Fairchild Semiconductor
Part # 20N6S2D
Download  20N6S2D Download

File Size   231.95 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode

20N6S2D Datasheet (PDF)

Go To PDF Page Download Datasheet
20N6S2D Datasheet PDF - Fairchild Semiconductor

Part # 20N6S2D
Download  20N6S2D Click to download

File Size   231.95 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode

20N6S2D Datasheet (HTML) - Fairchild Semiconductor

20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor 20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor

20N6S2D Product details

General Description
The FGH20N6S2D FGP20N6S2D, FGB20N6S2D are Low Gate Charge, Low Plateau Voltage SMPS II IGBTs combining the fast switching speed of the SMPS IGBTs along with lower gate charge, plateau voltage and high avalanche capability (UIS).

These LGC devices shorten delay times, and reduce the power requirement of the gate drive. These devices are ideally suited for high voltage switched mode power supply applications where low conduction loss, fast switching times and UIS capability are essential.
SMPS II LGC devices have been specially designed for:

• Power Factor Correction (PFC) circuits
• Full bridge topologies
• Half bridge topologies
• Push-Pull circuits
• Uninterruptible power supplies
• Zero voltage and zero current switching circuits

Features
• 100kHz Operation at 390V, 7A
• 200kHZ Operation at 390V, 5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . 85ns at TJ = 125oC
• Low Gate Charge . . . . . . . . . 30nC at VGE = 15V
• Low Plateau Voltage . . . . . . . . . . . . .6.5V Typical
• UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 100mJ
• Low Conduction Loss
• Low Eon
• Soft Recovery Diode




Similar Part No. - 20N6S2D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60 Datasheet
176Kb / 3P
   20A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
20N60 ISC-20N60 Datasheet
95Kb / 2P
   Fast Switching
logo
VBsemi Electronics Co.,...
20N60 VBSEMI-20N60 Datasheet
1Mb / 11P
   N-Channel 650-V (D-S) Super Junction MOSFET
logo
DONGGUAN YOU FENG WEI E...
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
   20A 600V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
20N60A4 FAIRCHILD-20N60A4 Datasheet
908Kb / 8P
   600V, SMPS Series N-Channel IGBTs
More results


Similar Description - 20N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com