Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N962 Datasheet (PDF) - GOOD-ARK Electronics

1N962 Datasheet PDF - GOOD-ARK Electronics
Part # 1N962
Download  1N962 Download

File Size   34.15 Kbytes
Page   3 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description SILICON PLANAR ZENER DIODES

1N962 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N962 Datasheet PDF - GOOD-ARK Electronics

Part # 1N962
Download  1N962 Click to download

File Size   34.15 Kbytes
Page   3 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description SILICON PLANAR ZENER DIODES

1N962 Datasheet (HTML) - GOOD-ARK Electronics

1N962 Datasheet HTML 1Page - GOOD-ARK Electronics 1N962 Datasheet HTML 2Page - GOOD-ARK Electronics 1N962 Datasheet HTML 3Page - GOOD-ARK Electronics

1N962 Product details

Silicon Planar Zener Diodes
   Standard Zener voltage tolerance is 20%. Add suffix "A" for 10%
      tolerance and suffix "B" for 5% tolerance.
   Other tolerances, non standard and higher Zener voltages upon request.




Similar Part No. - 1N962

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N962 SEMTECH-1N962 Datasheet
172Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
Shanghai Lunsure Electr...
1N962 CHENYI-1N962 Datasheet
46Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N962 MCC-1N962 Datasheet
97Kb / 2P
   0.5W Silicon Planar Zener Diodes
logo
Microsemi Corporation
1N962 MICROSEMI-1N962 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
1N962 MICROSEMI-1N962 Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Similar Description - 1N962

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com