Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A2405XS Datasheet (PDF) - Microdc power Technology Co., Ltd

2A2405XS Datasheet PDF - Microdc power Technology Co., Ltd
Part # 2A2405XS
Download  2A2405XS Download

File Size   632.77 Kbytes
Page   4 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description Isolated 2W Dual Output DC/DC Converters

2A2405XS Datasheet (PDF)

Go To PDF Page Download Datasheet
2A2405XS Datasheet PDF - Microdc power Technology Co., Ltd

Part # 2A2405XS
Download  2A2405XS Click to download

File Size   632.77 Kbytes
Page   4 Pages
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd
Description Isolated 2W Dual Output DC/DC Converters

2A2405XS Datasheet (HTML) - Microdc power Technology Co., Ltd

2A2405XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A2405XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A2405XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A2405XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd



Similar Part No. - 2A2405XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A2405XS MICRODC-2A2405XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
2A2405XSR MICRODC-2A2405XSR Datasheet
351Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
More results


Similar Description - 2A2405XS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com