Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7881-23 Datasheet (PDF) - Hamamatsu Corporation

G7881-23 Datasheet PDF - Hamamatsu Corporation
Part # G7881-23
Download  G7881-23 Download

File Size   118.54 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G7881-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
G7881-23 Datasheet PDF - Hamamatsu Corporation

Part # G7881-23
Download  G7881-23 Click to download

File Size   118.54 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G7881-23 Datasheet (HTML) - Hamamatsu Corporation

G7881-23 Datasheet HTML 1Page - Hamamatsu Corporation G7881-23 Datasheet HTML 2Page - Hamamatsu Corporation

G7881-23 Product details

G8339/G8342/G7881/G8796 series are high-speed receivers specifically developed for 1.3/1.55 µm band optical fiber communications. These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode and a high-speed preamp integrated in a receptacle module. Packages are available with various connectors and mounting styles.

Features
● Wide dynamic range
    G8339 series (156 Mbps) : -37 to -5 dBm
    G8342 series (622 Mbps) : -32 to -5 dBm
    G7881 series (1.25 Gbps) : -25 to -1 dBm
    G8796 series (2.5 Gbps) : -22 to +1 dBm
● Integrated with trans-impedance amplifier
● Supply voltage
    G8339/G8342 series: 3.3 V
    G7881/G8796 series: 3.3 V, 5 V
● Differential output

Applications
● Optical fiber communications
● Fiber channel
● Gigabit Ethernet
● HDTV
● SDH




Similar Part No. - G7881-23

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G788P81U GMT-G788P81U Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
More results


Similar Description - G7881-23

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
   InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
   InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
   InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com