Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8231-44 Datasheet (PDF) - Hamamatsu Corporation

L8231-44 Datasheet PDF - Hamamatsu Corporation
Part # L8231-44
Download  L8231-44 Download

File Size   112.21 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Receptacle type, 1.3 關m, 1.25, 2.5 Gbps

L8231-44 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8231-44 Datasheet PDF - Hamamatsu Corporation

Part # L8231-44
Download  L8231-44 Click to download

File Size   112.21 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Receptacle type, 1.3 關m, 1.25, 2.5 Gbps

L8231-44 Datasheet (HTML) - Hamamatsu Corporation

L8231-44 Datasheet HTML 1Page - Hamamatsu Corporation L8231-44 Datasheet HTML 2Page - Hamamatsu Corporation

L8231-44 Product details

L8231 and L7551 series are high-speed infrared emitters specifically developed for 1.3 µm band optical fiber communications. These devices incorporate a high-speed Fabry-Perot laser diode integrated in a receptacle module. Packages are available with various connectors and mounting styles.

Features
● High-speed Fabry-Perot laser diode
    L8231 series: 1.25 Gbps
    L7551 series: 2.5 Gbps
● Compatible with single/multi mode optical fibers

Applications
● Optical fiber communications
● Fiber channel
● Gigabit ethernet
● HDTV
● SDH




Similar Part No. - L8231-44

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200 UTC-L8200 Datasheet
149Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-N20-R UTC-L8200G-N20-R Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
206Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200G-P16-R UTC-L8200G-P16-R Datasheet
149Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results


Similar Description - L8231-44

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-37130 OPTOWAY-PT-37130 Datasheet
92Kb / 2P
   3.3V / 1.31 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
   Peak emission wavelength: 1.3 關m
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100_09 Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com