Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ100A Datasheet (PDF) - Micro Commercial Components

SMCJ100A Datasheet PDF - Micro Commercial Components
Part # SMCJ100A
Download  SMCJ100A Download

File Size   248.58 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt

SMCJ100A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ100A Datasheet PDF - Micro Commercial Components

Part # SMCJ100A
Download  SMCJ100A Click to download

File Size   248.58 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt

SMCJ100A Datasheet (HTML) - Micro Commercial Components

SMCJ100A Datasheet HTML 1Page - Micro Commercial Components SMCJ100A Datasheet HTML 2Page - Micro Commercial Components SMCJ100A Datasheet HTML 3Page - Micro Commercial Components SMCJ100A Datasheet HTML 4Page - Micro Commercial Components SMCJ100A Datasheet HTML 5Page - Micro Commercial Components

SMCJ100A Product details

Features

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

• For surface mount application in order to optimize board space

• Built-in strain relief

• Glass passivated junction

• Typical ID less than 1uA above 10V

• High temperature soldering: 260oC/10 seconds at terminals

• Plastic package has Underwrites Laboratory Flammability

• Halogen free available upon request by adding suffix "-HF"

• UL Recognized File # E331408



 




Similar Part No. - SMCJ100A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ100A DCCOM-SMCJ100A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ100A VISHAY-SMCJ100A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Taiwan Semiconductor Co...
SMCJ100A TSC-SMCJ100A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
SMCJ100A UMW-SMCJ100A Datasheet
659Kb / 4P
   5V-188V 1500W
logo
Taiwan Semiconductor Co...
SMCJ100A TSC-SMCJ100A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMCJ100A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ170CA-TP MCC-SMCJ170CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24A-TP MCC-SMCJ24A-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ48-TP MCC-SMCJ48-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ30A-TP MCC-SMCJ30A-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ5.0 MCC-SMCJ5.0_11 Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com