Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17901P Datasheet (PDF) - Hitachi Semiconductor

HA17901P Datasheet PDF - Hitachi Semiconductor
Part # HA17901P
Download  HA17901P Download

File Size   79.46 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quadruple Comparators

HA17901P Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17901P Datasheet PDF - Hitachi Semiconductor

Part # HA17901P
Download  HA17901P Click to download

File Size   79.46 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quadruple Comparators

HA17901P Datasheet (HTML) - Hitachi Semiconductor

Back Button HA17901P Datasheet HTML 1Page - Hitachi Semiconductor HA17901P Datasheet HTML 2Page - Hitachi Semiconductor HA17901P Datasheet HTML 3Page - Hitachi Semiconductor HA17901P Datasheet HTML 4Page - Hitachi Semiconductor HA17901P Datasheet HTML 5Page - Hitachi Semiconductor HA17901P Datasheet HTML 6Page - Hitachi Semiconductor HA17901P Datasheet HTML 7Page - Hitachi Semiconductor HA17901P Datasheet HTML 8Page - Hitachi Semiconductor HA17901P Datasheet HTML 9Page - Hitachi Semiconductor HA17901P Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HA17901P Product details

Description

The HA17901 and HA17339 series products are comparators designed for use in power or control systems. These IC operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power-supply current since the power-supply voltage is determined independently. These comparators have the unique characteristic of ground being included in the common-mode input voltage range, even when operating from a single-voltage power supply. These products have a wide range of applications, including limit comparators, simple A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS clock timers, multivibrators, and high-voltage logic gates.





Features

•  Wide power-supply voltage range: 2 to 36V

•  Extremely low current drain: 0.8mA

•  Low input bias current: 25nA

•  Low input offset current: 5nA

•  Low input offset voltage: 2mV

•  The common-mode input voltage range includes ground.

•  Low output saturation voltage: 1mV (5µA), 70mV (1mA)

•  Output voltages compatible with CMOS logic systems




Similar Part No. - HA17901P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA17901P ETC2-HA17901P Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA17901PJ RENESAS-HA17901PJ Datasheet
282Kb / 13P
   Quadruple Comparators
More results


Similar Description - HA17901P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com