Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSM5D4A4X1B Datasheet (PDF) - OptoSupply International

OSM5D4A4X1B Datasheet PDF - OptoSupply International
Part # OSM5D4A4X1B
Download  OSM5D4A4X1B Download

File Size   127.01 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 10mm Round Warm Whiite LED

OSM5D4A4X1B Datasheet (PDF)

Go To PDF Page Download Datasheet
OSM5D4A4X1B Datasheet PDF - OptoSupply International

Part # OSM5D4A4X1B
Download  OSM5D4A4X1B Click to download

File Size   127.01 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 10mm Round Warm Whiite LED

OSM5D4A4X1B Datasheet (HTML) - OptoSupply International

OSM5D4A4X1B Datasheet HTML 1Page - OptoSupply International



Similar Part No. - OSM5D4A4X1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5D479X1B OPTOSUPPLY-OSM5D479X1B Datasheet
118Kb / 1P
   2.5x5x8.7mm Rectangular Warm White LED
More results


Similar Description - OSM5D4A4X1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW6D4A4X1B OPTOSUPPLY-OSW6D4A4X1B Datasheet
127Kb / 1P
   10mm Round Cooll Whiite LED
OSM5DKA131A OPTOSUPPLY-OSM5DKA131A Datasheet
137Kb / 1P
   10mm Round Warm White LED
OSM5DAA131A OPTOSUPPLY-OSM5DAA131A Datasheet
96Kb / 1P
   10mm Round Warm White LED
OSM5DLA131A OPTOSUPPLY-OSM5DLA131A Datasheet
96Kb / 1P
   10mm Round Warm White LED
OS5M7NE1E1E OPTOSUPPLY-OS5M7NE1E1E Datasheet
144Kb / 2P
   Xeon Power Warm Whiite LED
OSM573A131U OPTOSUPPLY-OSM573A131U Datasheet
138Kb / 1P
   Premium Power 10mm Round Warm White LED
OS5MPL56D1A OPTOSUPPLY-OS5MPL56D1A Datasheet
118Kb / 1P
   4..8mm Straw Warm Whiite 9V LED
OSM5X9H891E OPTOSUPPLY-OSM5X9H891E Datasheet
540Kb / 3P
   Tops 3 3W Power Warm Whiite LED
OSM54LS1C1A-HCRI OPTOSUPPLY-OSM54LS1C1A-HCRI Datasheet
112Kb / 1P
   3..5x2..8x1..9mm Warm Whiite SMD LED
OSM5DLA201A OPTOSUPPLY-OSM5DLA201A Datasheet
96Kb / 1P
   10mm Bullet Warm White LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com