Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSTB0603C1C-A Datasheet (PDF) - OptoSupply International

OSTB0603C1C-A Datasheet PDF - OptoSupply International
Part # OSTB0603C1C-A
Download  OSTB0603C1C-A Download

File Size   228.8 Kbytes
Page   4 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD

OSTB0603C1C-A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSTB0603C1C-A Datasheet PDF - OptoSupply International

Part # OSTB0603C1C-A
Download  OSTB0603C1C-A Click to download

File Size   228.8 Kbytes
Page   4 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD

OSTB0603C1C-A Datasheet (HTML) - OptoSupply International

OSTB0603C1C-A Datasheet HTML 1Page - OptoSupply International OSTB0603C1C-A Datasheet HTML 2Page - OptoSupply International OSTB0603C1C-A Datasheet HTML 3Page - OptoSupply International OSTB0603C1C-A Datasheet HTML 4Page - OptoSupply International



Similar Part No. - OSTB0603C1C-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTB0603C1A-A_N OPTOSUPPLY-OSTB0603C1A-A_N Datasheet
228Kb / 4P
   1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
More results


Similar Description - OSTB0603C1C-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTB0603C1A-A_N OPTOSUPPLY-OSTB0603C1A-A_N Datasheet
228Kb / 4P
   1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
   1.6 x 1.5 x 0.55mm Red & Yellow green SMD
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
logo
OptoSupply Internationa...
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
   1.6 x 0.8 x 0.45mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
   1.6 x 0.8 x 0.4mm SMD
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
   1.6 x 0.8 x 0.4mm SMD
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSTB8CS2C2B OPTOSUPPLY-OSTB8CS2C2B Datasheet
114Kb / 1P
   3.5x2.8x1.9mm Red & Pure Green & Blue SMD LED
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
   2.0 x 1.6 x 0.6mm SMD
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com