Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH16260 Datasheet (PDF) - Hitachi Semiconductor

HD74ALVCH16260 Datasheet PDF - Hitachi Semiconductor
Part # HD74ALVCH16260
Download  HD74ALVCH16260 Download

File Size   57.62 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs

HD74ALVCH16260 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVCH16260 Datasheet PDF - Hitachi Semiconductor

Part # HD74ALVCH16260
Download  HD74ALVCH16260 Click to download

File Size   57.62 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs

HD74ALVCH16260 Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74ALVCH16260 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH16260 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74ALVCH16260 Product details

Description
The HD74ALVCH16260 is a 12-bit to 24-bit multiplexed D-type latch used in applications where two separate data paths must be multiplexed onto, or demultiplexed from, a single data path. Typical applications include multiplexing and / or demultiplexing of address and data information in microprocessor or bus interface applications.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors




Similar Part No. - HD74ALVCH16260

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16269 RENESAS-HD74ALVCH16269 Datasheet
243Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
More results


Similar Description - HD74ALVCH16260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI1-SN74ALVCH16260_08 Datasheet
348Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com