Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV507PG-G Datasheet (PDF) - Supertex, Inc

HV507PG-G Datasheet PDF - Supertex, Inc
Part # HV507PG-G
Download  HV507PG-G Download

File Size   471.36 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter

HV507PG-G Datasheet (PDF)

Go To PDF Page Download Datasheet
HV507PG-G Datasheet PDF - Supertex, Inc

Part # HV507PG-G
Download  HV507PG-G Click to download

File Size   471.36 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter

HV507PG-G Datasheet (HTML) - Supertex, Inc

HV507PG-G Datasheet HTML 1Page - Supertex, Inc HV507PG-G Datasheet HTML 2Page - Supertex, Inc HV507PG-G Datasheet HTML 3Page - Supertex, Inc HV507PG-G Datasheet HTML 4Page - Supertex, Inc HV507PG-G Datasheet HTML 5Page - Supertex, Inc HV507PG-G Datasheet HTML 6Page - Supertex, Inc

HV507PG-G Product details

General Description
The HV507 is a low voltage serial to high voltage parallel converter with 64 push-pull outputs. This device has been designed for use as a printer driver for electrostatic applications. It can also be used in any application requiring multiple output, high voltage, low current sourcing and sinking capabilities.

Features
► Processed with HVCMOS® technology
► Operating output voltages to 300V
► Low power level shifting from 5.0 to 300V
► Shift register speed: 8.0MHz @ VDD = 5.0V
► 64 latched data outputs
► Output polarity and blanking
► CMOS compatible inputs
► Forward and reverse shifting options




Similar Part No. - HV507PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV507PG SUTEX-HV507PG Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
More results


Similar Description - HV507PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3137 SUTEX-HV3137 Datasheet
447Kb / 5P
   64-Channel Serial To Parallel Converter With Open Drain Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV4937 SUTEX-HV4937 Datasheet
34Kb / 5P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
HV5308 MICROCHIP-HV5308 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
   32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com