Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT137 Datasheet (PDF) - Hitachi Semiconductor

HD74HCT137 Datasheet PDF - Hitachi Semiconductor
Part # HD74HCT137
Download  HD74HCT137 Download

File Size   56.2 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer with Address Latch

HD74HCT137 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT137 Datasheet PDF - Hitachi Semiconductor

Part # HD74HCT137
Download  HD74HCT137 Click to download

File Size   56.2 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer with Address Latch

HD74HCT137 Datasheet (HTML) - Hitachi Semiconductor

HD74HCT137 Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT137 Datasheet HTML 8Page - Hitachi Semiconductor

HD74HCT137 Product details

Description
The HD74HCT137 implements a three-to-eight line decoder with latches on the three address inputs. When GL goes from low to high, the address present at the select inputs (A, B and C) is stored in the latches. As long as GL remains high no address changes will be recognized. Output enable controls, G1 and G2, control the state of the outputs independently of the select or latch-enable inputs.

Features
• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility
• High Speed Operation: tpd (A, B, C to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 4.5 to 5.5 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HCT137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT137 RENESAS-HD74HCT137 Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT137FPEL RENESAS-HD74HCT137FPEL Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT137RPEL RENESAS-HD74HCT137RPEL Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Similar Description - HD74HCT137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC137 RENESAS-HD74HC137 Datasheet
117Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC237 HITACHI-HD74HC237 Datasheet
57Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HCT137 RENESAS-HD74HCT137 Datasheet
197Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com