Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT138 Datasheet (PDF) - Hitachi Semiconductor

HD74HCT138 Datasheet PDF - Hitachi Semiconductor
Part # HD74HCT138
Download  HD74HCT138 Download

File Size   47.91 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer

HD74HCT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT138 Datasheet PDF - Hitachi Semiconductor

Part # HD74HCT138
Download  HD74HCT138 Click to download

File Size   47.91 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer

HD74HCT138 Datasheet (HTML) - Hitachi Semiconductor

HD74HCT138 Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT138 Datasheet HTML 8Page - Hitachi Semiconductor

HD74HCT138 Product details

Description

The HD74HCT138 has 3 binary select inputs (A, B, and C). If the device is enabled these inputs determine which one of the eight normally high outputs will go low. Two active low and one active high enables (G1,

G2Aand G2B) are provided to ease the cascading of decoders.



Features

•  LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility

•  High Speed Operation: tpd(A, B, C to Y) = 18.5 ns typ (CL = 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 4.5 to 5.5 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HCT138

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT138 RENESAS-HD74HCT138 Datasheet
88Kb / 6P
   3-to-8-line Decoder/Demultiplexer
HD74HCT138FPEL RENESAS-HD74HCT138FPEL Datasheet
88Kb / 6P
   3-to-8-line Decoder/Demultiplexer
HD74HCT138P RENESAS-HD74HCT138P Datasheet
88Kb / 6P
   3-to-8-line Decoder/Demultiplexer
More results


Similar Description - HD74HCT138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com