Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVCZ16245A Datasheet (PDF) - Hitachi Semiconductor

HD74LVCZ16245A Datasheet PDF - Hitachi Semiconductor
Part # HD74LVCZ16245A
Download  HD74LVCZ16245A Download

File Size   56.5 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Bidirectional Transceivers with 3-state Outputs

HD74LVCZ16245A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVCZ16245A Datasheet PDF - Hitachi Semiconductor

Part # HD74LVCZ16245A
Download  HD74LVCZ16245A Click to download

File Size   56.5 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Bidirectional Transceivers with 3-state Outputs

HD74LVCZ16245A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LVCZ16245A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVCZ16245A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LVCZ16245A Product details

Description
The HD74LVCZ16245A has sixteen two direction buffers, for the fittest at two direction bus lines with three state outputs in a 48 pin package. When (DIR) is high, data flows from the A inputs to the B outputs, and when (DIR) is low, data flows from the B inputs to the A outputs. A and B bus are separated by making enable input (G) high level.

Features
• VCC = 2.7 to 5.5 V
• All inputs VIH (Max) = 5.5 V (@VCC = 0 to 5.5 V)
• All inputs / outputs VI/O (Max) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High impedance state during power up and power down
• Power off disables outputs, permitting live insertion
• High output current ±24 mA (@VCC = 3.0 to 5.5 V)




Similar Part No. - HD74LVCZ16245A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCZ16245A RENESAS-HD74LVCZ16245A Datasheet
101Kb / 8P
   16-bit Bidirectional Transceivers with 3-state Outputs
HD74LVCZ16245ATEL RENESAS-HD74LVCZ16245ATEL Datasheet
101Kb / 8P
   16-bit Bidirectional Transceivers with 3-state Outputs
HD74LVCZ16245A RENESAS-HD74LVCZ16245A_15 Datasheet
120Kb / 10P
   16?밷it Bidirectional Transceivers with 3?뱒tate Outputs
More results


Similar Description - HD74LVCZ16245A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCZ16245A RENESAS-HD74LVCZ16245A Datasheet
101Kb / 8P
   16-bit Bidirectional Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com