Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62G36256BP-5 Datasheet (PDF) - Hitachi Semiconductor

HM62G36256BP-5 Datasheet PDF - Hitachi Semiconductor
Part # HM62G36256BP-5
Download  HM62G36256BP-5 Download

File Size   137.79 Kbytes
Page   24 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8M Synchronous Fast Static RAM(256k-word x 36-bit)

HM62G36256BP-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62G36256BP-5 Datasheet PDF - Hitachi Semiconductor

Part # HM62G36256BP-5
Download  HM62G36256BP-5 Click to download

File Size   137.79 Kbytes
Page   24 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8M Synchronous Fast Static RAM(256k-word x 36-bit)

HM62G36256BP-5 Datasheet (HTML) - Hitachi Semiconductor

Back Button HM62G36256BP-5 Datasheet HTML 1Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 2Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 3Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 4Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 5Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 6Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 7Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 8Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 9Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HM62G36256BP-5 Product details

Description
The HM62G36256 is a synchronous fast static RAM organized as 256-kword × 36-bit. It has realized high speed access time by employing the most advanced CMOS process and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged in standard 119-bump BGA.

Features
• Power supply: 3.3 V +10%, –5%
• Clock frequency: 200 MHz to 250 MHz
• Internal self-timed late write
• Byte write control (4 byte write selects, one for each 9-bit)
• Optional ×18 configuration
• HSTL compatible I/O
• Programmable impedance output drivers
• User selective input trip-point
• Differential, HSTL clock inputs
• Asynchronous G output control
• Asynchronous sleep mode
• Limited set of boundary scan JTAG IEEE 1149.1 compatible
• Protocol: Single clock register-register mode




Similar Part No. - HM62G36256BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G18512 HITACHI-HM62G18512 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
HM62G18512BP-4 HITACHI-HM62G18512BP-4 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
HM62G18512BP-5 HITACHI-HM62G18512BP-5 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
More results


Similar Description - HM62G36256BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G18512 HITACHI-HM62G18512 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
logo
NEC
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com