Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2404SI Datasheet (PDF) - Hitachi Semiconductor

HN58X2404SI Datasheet PDF - Hitachi Semiconductor
Part # HN58X2404SI
Download  HN58X2404SI Download

File Size   62.43 Kbytes
Page   19 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)

HN58X2404SI Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58X2404SI Datasheet PDF - Hitachi Semiconductor

Part # HN58X2404SI
Download  HN58X2404SI Click to download

File Size   62.43 Kbytes
Page   19 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)

HN58X2404SI Datasheet (HTML) - Hitachi Semiconductor

Back Button HN58X2404SI Datasheet HTML 1Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 2Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 3Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 4Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 5Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 6Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 7Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 8Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 9Page - Hitachi Semiconductor HN58X2404SI Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HN58X2404SI Product details

Description
HN58X24xxSI series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). They realize high speed, low power consumption and a high level of reliability by employing advanced MNOS memory technology and CMOS process and low voltage circuitry technology. They also have a 8-byte page programming function to make their write operation faster.

Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I2CTM serial bus*1)
• Clock frequency: 400 kHz
• Power dissipation:
    - Standby: 3 µA (max)
    - Active (Read): 1 mA (max)
    - Active (Write): 3 mA (max)
• Automatic page write: 8-byte/page
• Write cycle time: 10 ms (2.7 V to 5.5 V)/15ms (1.8 V to 2.7 V)
• Endurance: 105 Cycles (Page write mode)
• Data retention: 10 Years
• Small size packages: TSSOP 8-pin and SOP 8-pin
• Shipping tape and reel
    - TSSOP 8-pin: 3,000 IC/reel
    - SOP 8-pin: 2,500 IC/reel




Similar Part No. - HN58X2404SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2404SI RENESAS-HN58X2404SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results


Similar Description - HN58X2404SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EV24002ASAS0I RENESAS-R1EV24002ASAS0I_15 Datasheet
404Kb / 17P
   Two-wire serial interface 2k EEPROM (256-word ??8-bit)
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_10 Datasheet
796Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com