Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT16512 Datasheet (PDF) - Holtek Semiconductor Inc

HT16512 Datasheet PDF - Holtek Semiconductor Inc
Part # HT16512
Download  HT16512 Download

File Size   128.46 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1/4 to 1/11 Duty VFD Controller

HT16512 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT16512 Datasheet PDF - Holtek Semiconductor Inc

Part # HT16512
Download  HT16512 Click to download

File Size   128.46 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1/4 to 1/11 Duty VFD Controller

HT16512 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT16512 Product details

General Description

HT16512 is a VFD (Vacuum Fluorescent Display) controller/driver that is driven on a 1/4 to 1/11 duty factor. It consists of 11 segment output lines, 6 grid output lines, 5 segment/grid output drive lines, 4 LED output ports, a control circuit, a display memory, and a key scan circuit. Serial data inputs to the HT16512 through a three-line serial interface. This VFD controller/driver is ideal as a peripheral device for an MCU.



Features

• Logic voltage: 5V

• High-voltage output: VDD-35V max.

• Multiple display (11-segment & 11-digit to 16-segment & 6-digit)

• 6X4 matrix key scanning

• 8 steps dimmer circuit

• 4 LED output ports

• 4-bit general purpose input port

• No external resistors necessary for driver output

     (provides PMOS open-drain and pull-low resistor output)

• Serial interface with MCU (CLK, CS, DI, DO)

• 44-pin QFP/LQFP package



Applications

• Consumer products panel function control

• Industrial measuring instrument panel function control

• Other similar application panel function control




Similar Part No. - HT16512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
131Kb / 11P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_12 Datasheet
137Kb / 11P
   1/4 to 1/11 Duty VFD Controller
More results


Similar Description - HT16512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
   1/4 to 1/11 Duty VFD Controller
logo
SHENZHEN FUMAN ELECTRON...
SC16312 FUMAN-SC16312 Datasheet
319Kb / 11P
   1/4 to 1/11 Duty VFD Controller
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512_12 Datasheet
137Kb / 11P
   1/4 to 1/11 Duty VFD Controller
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com