Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT85XXX Datasheet (PDF) - Holtek Semiconductor Inc

HT85XXX Datasheet PDF - Holtek Semiconductor Inc
Part # HT85XXX
Download  HT85XXX Download

File Size   160.91 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Green Voice

HT85XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
HT85XXX Datasheet PDF - Holtek Semiconductor Inc

Part # HT85XXX
Download  HT85XXX Click to download

File Size   160.91 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Green Voice

HT85XXX Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT85XXX Datasheet HTML 1Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 2Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT85XXX Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT85XXX Product details

General Description
The HT85XXX family is a series of programmable speech synthesizers and tone generators designed for user-defined voice and melody applications. It provides various sampling rates and beats, tone levels, tempos for the speech synthesizer and melody generator.

Features
• Operating voltage: 2.4V~5.0V
• Driver speaker (32Ω) VDD=4.5V, IDD=90mA
• Programmable tone melody generator
• ADPCM, μ-law PCM, PCM synthesis
• Wide range of sampling rate for voice synthesis
• Minimum sampling rate step: 100Hz
• Voice melody mixed output
• Programmable 2 channels of melody mixed output
• Programmable 2 channels of voice mixed output
• 13 kinds of melody beats
• 5 octaves of tone level and 18 tempos
• 16 levels of digital volume control
• Eight programmable I/O pins
• Four programmable input pins
• Provides 36 sec to 96 sec of voice capacity
• Timer controller
• Voice fill-in function
• Powerful user-defined functions
• Power-on initial setting
• 28-pin SKDIP package




Similar Part No. - HT85XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
   Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
HT850UPS TRIPPLITE-HT850UPS Datasheet
518Kb / 5P
   Home Theater Ultra-compact Line-Interactive 120V
logo
Molex Electronics Ltd.
HT8514 MOLEX11-HT8514 Datasheet
55Kb / 1P
   Insertion Tool
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2240 HOLTEK-HT85F2240 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
More results


Similar Description - HT85XXX

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
   Voice Coprocessor
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
   Voice Modulator
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
logo
Mosel Vitelic, Corp
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
   VOICE ENGINE
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com