Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4502 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-4502 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-4502
Download  HCPL-4502 Download

File Size   149.55 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Single Channel, High Speed Optocouplers

HCPL-4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-4502 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-4502
Download  HCPL-4502 Click to download

File Size   149.55 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Single Channel, High Speed Optocouplers

HCPL-4502 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HCPL-4502 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HCPL-4502 Product details

Description
These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance.

Features
• 15 kV/µs Minimum Common Mode Transient Immunity at VCM = 1500 V (4503/0453)
• High Speed: 1 Mb/s
• TTL Compatible
• Available in 8-Pin DIP, SO-8, Widebody Packages
• Open Collector Output
• Guaranteed Performance from Temperature: 0°C to 70°C
• Safety Approval
    UL Recognized – 3750 V rms for 1 minute (5000 V rms for 1 minute for HCNW and Option 020 devices) per UL1577
    CSA Approved
    IEC/EN/DIN EN 60747-5-2
    Approved
        –VIORM = 630 V peak for HCPL-4503#060
        –VIORM = 1414 V peak for HCNW devices
• Dual Channel Version Available (253X/4534/053X/0534)
• MIL-PRF-38534 Hermetic Version Available (55XX/65XX/4N55)

Applications
• High Voltage Insulation
• Video Signal Isolation
• Power Transistor Isolation in Motor Drives
• Line Receivers
• Feedback Element in Switched Mode Power Supplies
• High Speed Logic Ground Isolation – TTL/TTL, TTL/ CMOS, TTL/LSTTL
• Replaces Pulse Transformers
• Replaces Slow Phototransistor Isolators
• Analog Signal Ground Isolation




Similar Part No. - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Similar Description - HCPL-4502

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com