Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-42085 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-42085 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-42085
Download  AT-42085 Download

File Size   53.63 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Medium Power Up to 6 GHz Medium Power

AT-42085 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-42085 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-42085
Download  AT-42085 Click to download

File Size   53.63 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Medium Power Up to 6 GHz Medium Power

AT-42085 Datasheet (HTML) - Agilent(Hewlett-Packard)

AT-42085 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-42085 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-42085 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-42085 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-42085 Datasheet HTML 5Page - Agilent(Hewlett-Packard)

AT-42085 Product details

Description

Hewlett-Packard’s AT-42085 is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-42085 is housed in a low cost .085" diameter plastic package. The 4 micron emitter-to-emitter pitch enables this transistor to be used in many different functions.

The 20 emitter finger interdigitated geometry yields a medium sized transistor with impedances that are easy to match for low noise and medium power applications. Applications include use in wireless systems as an LNA, gain stage, buffer, oscillator, and mixer. An optimum noise match near 50 Ω up to 1 GHz, makes this device easy to use as a low noise amplifier.

The AT-42085 bipolar transistor is fabricated using Hewlett-Packard’s 10 GHz fT Self-Aligned-Transistor (SAT) process. The die is nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion implantation, self-alignment techniques, and gold metalization in the fabrication of this device.



Features

• High Output Power:

   20.5 dBm Typical P1 dB at 2.0␣ GHz

• High Gain at 1 dB Compression:

   14.0 dB Typical G1 dBat 2.0␣ GHz

• Low Noise Figure:

   2.0 dB Typical NFOat 2.0␣ GHz

• High Gain-Bandwidth

   Product: 8.0 GHz Typical fT

• Low Cost Plastic Package



 




Similar Part No. - AT-42085

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-42085 AVAGO-AT-42085 Datasheet
169Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42085G AVAGO-AT-42085G Datasheet
169Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results


Similar Description - AT-42085

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-42000 HP-AT-42000 Datasheet
57Kb / 5P
   Up to 6 GHz Medium Power Up to 6 GHz Medium Power
AT-42070 HP-AT-42070 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42070 AVAGO-AT-42070 Datasheet
150Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42010 AVAGO-AT-42010 Datasheet
155Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42036 AVAGO-AT-42036 Datasheet
210Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42010 HP-AT-42010 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42086 HP-AT-42086 Datasheet
55Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42035 AVAGO-AT-42035 Datasheet
144Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42085 AVAGO-AT-42085 Datasheet
169Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com