Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1267AY-470M Datasheet (PDF) - TOKO, Inc

1267AY-470M Datasheet PDF - TOKO, Inc
Part # 1267AY-470M
Download  1267AY-470M Download

File Size   82.88 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Low Profile (H 4.0mm Max).

1267AY-470M Datasheet (PDF)

Go To PDF Page Download Datasheet
1267AY-470M Datasheet PDF - TOKO, Inc

Part # 1267AY-470M
Download  1267AY-470M Click to download

File Size   82.88 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Low Profile (H 4.0mm Max).

1267AY-470M Datasheet (HTML) - TOKO, Inc

1267AY-470M Datasheet HTML 1Page - TOKO, Inc



Similar Part No. - 1267AY-470M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1267AY-470M MURATA-1267AY-470M Datasheet
740Kb / 2P
   Inductor
More results


Similar Description - 1267AY-470M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROF-78E RECOM-ROF-78E Datasheet
103Kb / 4P
   Low Profile 4.0mm
logo
Murata Manufacturing Co...
DLW5ATN501SQ2 MURATA1-DLW5ATN501SQ2_V01 Datasheet
339Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ112MQ2 MURATA1-DLW5ATZ112MQ2_V01 Datasheet
367Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ331MQ2 MURATA1-DLW5ATZ331MQ2_V01 Datasheet
366Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW44SN101SK2 MURATA1-DLW44SN101SK2_V01 Datasheet
399Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW5ATN151MQ2 MURATA1-DLW5ATN151MQ2_V01 Datasheet
420Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW44SM302SK2 MURATA1-DLW44SM302SK2 Datasheet
397Kb / 3P
   Low profile(h=1.5mm max.)
Last updated07/26/2022
DLW44SN851SK2 MURATA1-DLW44SN851SK2_V01 Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW5ATN111SQ2 MURATA1-DLW5ATN111SQ2_V01 Datasheet
386Kb / 4P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH331MQ2 MURATA1-DLW5ATH331MQ2 Datasheet
415Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com