Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3350 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-3350 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-3350
Download  HLMP-3350 Download

File Size   186.64 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm) Low Profile LED Lamps

HLMP-3350 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-3350 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-3350
Download  HLMP-3350 Click to download

File Size   186.64 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm) Low Profile LED Lamps

HLMP-3350 Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-3350 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 7Page - Agilent(Hewlett-Packard)

HLMP-3350 Product details

Description
The HLMP-335X/-336X Series are Gallium Arsenide Phosphide on Gallium Phosphide High Efficiency Red Light Emitting Diodes.

Features
• High Intensity
• Low Profile: 5.8 mm (0.23 in.) Nominal
• T-13/4 Diameter Package
• Diffused and Non-diffused Types
• General Purpose Leads
• IC Compatible/Low Current Requirements
• Reliable and Rugged




Similar Part No. - HLMP-3350

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3350-L0000 AVAGO-HLMP-3350-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0001 AVAGO-HLMP-3350-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0002 AVAGO-HLMP-3350-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A1 AVAGO-HLMP-3350-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A2 AVAGO-HLMP-3350-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Similar Description - HLMP-3350

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com