Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMX-H690 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMX-H690 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMX-H690
Download  HSMX-H690 Download

File Size   242.03 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Flip Chip LEDs

HSMX-H690 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMX-H690 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMX-H690
Download  HSMX-H690 Click to download

File Size   242.03 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Flip Chip LEDs

HSMX-H690 Datasheet (HTML) - Agilent(Hewlett-Packard)

HSMX-H690 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMX-H690 Datasheet HTML 8Page - Agilent(Hewlett-Packard)

HSMX-H690 Product details

Description
The HSMX-H670 and HSMX-H690 introduce a revolutionary concept to the world of LEDs. The internal flip chip construction eliminates the wire bond between the chip and printed circuit board. Consequently as a result of the robust construction, product reliability is greatly improved.
The HSMX-H670 and HSMX-H690 are available in four colors. The HSMX-H670 adheres to the industry standard 2.0 x 1.25 mm footprint and is intended for designs where space is limited. The small size, low 1.1 mm profile and wide viewing angle make these LEDs excellent for backlighting applications and front panel illumination. The HSMX-H690 adheres to the 1.6 x 0.8 mm industry standard footprint. The low 0.6 mm profile make this excellent for designs where space is limited.
Both packages are compatible with IR and convective reflow soldering processes.

Features
• Improved Reliability
   Through Elimination of Internal Wire Bond
• -40 to 85°C Operating Temperature Range
• Small Size
• Industry Standard Footprint
• Diffused Optics
• Compatible with IR Solder Process
• Four Colors Available
• Available in 8 mm Tape on 7" (178 mm) Diameter Reels

Applications
• Keypad Backlighting
• LCD Backlighting
• Symbol Backlighting
• Front Panel Indicator




Similar Part No. - HSMX-H690

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A3XX-XXXXX AVAGO-HSMX-A3XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
More results


Similar Description - HSMX-H690

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com