Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGI3236F085 Datasheet (PDF) - Fairchild Semiconductor

FGI3236F085 Datasheet PDF - Fairchild Semiconductor
Part # FGI3236F085
Download  FGI3236F085 Download

File Size   908.46 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT

FGI3236F085 Datasheet (PDF)

Go To PDF Page Download Datasheet
FGI3236F085 Datasheet PDF - Fairchild Semiconductor

Part # FGI3236F085
Download  FGI3236F085 Click to download

File Size   908.46 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT

FGI3236F085 Datasheet (HTML) - Fairchild Semiconductor

FGI3236F085 Datasheet HTML 1Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 2Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 3Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 4Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 5Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 6Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 7Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 8Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 9Page - Fairchild Semiconductor FGI3236F085 Datasheet HTML 10Page - Fairchild Semiconductor



Similar Part No. - FGI3236F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGI3040G2-F085 ONSEMI-FGI3040G2-F085 Datasheet
811Kb / 13P
   ECOSPARK 2 300 mJ, 400 V, N-Channel Ignition IGBT
July, 2022 - Rev. 4
More results


Similar Description - FGI3236F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com