Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP20G Datasheet (PDF) - Vishay Siliconix

EGP20G Datasheet PDF - Vishay Siliconix
Part # EGP20G
Download  EGP20G Download

File Size   77.19 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Plastic Rectifier

EGP20G Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP20G Datasheet PDF - Vishay Siliconix

Part # EGP20G
Download  EGP20G Click to download

File Size   77.19 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Plastic Rectifier

EGP20G Datasheet (HTML) - Vishay Siliconix

EGP20G Datasheet HTML 1Page - Vishay Siliconix EGP20G Datasheet HTML 2Page - Vishay Siliconix EGP20G Datasheet HTML 3Page - Vishay Siliconix EGP20G Datasheet HTML 4Page - Vishay Siliconix EGP20G Datasheet HTML 5Page - Vishay Siliconix

EGP20G Product details

FEATURES

• Superectifier structure for high reliability condition

• Cavity-free glass-passivated junction

• Ultrafast reverse recovery time

• Low forward voltage drop

• Low leakage current

• Low switching losses, high efficiency

• High forward surge capability

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• AEC-Q101 qualified

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



TYPICAL APPLICATIONS

  For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication.



 




Similar Part No. - EGP20G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20G ZOWIE-EGP20G Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP20G DACHANG-EGP20G Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 2.0A
logo
Vishay Siliconix
EGP20G VISHAY-EGP20G Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
EGP20G FAIRCHILD-EGP20G Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20G FAIRCHILD-EGP20G Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
More results


Similar Description - EGP20G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP30A VISHAY-EGP30A_V01 Datasheet
78Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
13-Jun-16
FGP30B VISHAY-FGP30B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP31A VISHAY-EGP31A Datasheet
92Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 22-Dec-16
EGP31A VISHAY-EGP31A_V01 Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
EGP10G-E3 VISHAY-EGP10G-E3 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
EGP30D-E3 VISHAY-EGP30D-E3 Datasheet
75Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
BYV26DGP VISHAY-BYV26DGP_V01 Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
FGP50B VISHAY-FGP50B_V01 Datasheet
74Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP10G-E373 VISHAY-EGP10G-E373 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com