Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C5V1 Datasheet (PDF) - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C5V1 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED
Part # BZX84C5V1
Download  BZX84C5V1 Download

File Size   825.82 Kbytes
Page   5 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description SOT-23 Plastic-Encapsulate Diodes

BZX84C5V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C5V1 Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C5V1
Download  BZX84C5V1 Click to download

File Size   825.82 Kbytes
Page   5 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description SOT-23 Plastic-Encapsulate Diodes

BZX84C5V1 Datasheet (HTML) - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C5V1 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C5V1 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C5V1 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C5V1 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C5V1 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C5V1 Product details

ZENER DIODE



FEATURES

● Planar Die Construction

● 300mW Power Dissipation

● Zener Voltages from 2.4V - 43V

● Ultra-Small Surface Mount Package Power Dissipation



 




Similar Part No. - BZX84C5V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C5V1 VISHAY-BZX84C5V1 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C5V1 BWTECH-BZX84C5V1 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Central Semiconductor C...
BZX84C5V1 CENTRAL-BZX84C5V1 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C5V1 CENTRAL-BZX84C5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
DONGGUAN YOU FENG WEI E...
BZX84C5V1 YFWDIODE-BZX84C5V1 Datasheet
900Kb / 4P
   Silicon Planar Zener Diodes
More results


Similar Description - BZX84C5V1

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com