Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR2404K Datasheet (PDF) - Agilent(Hewlett-Packard)

HFBR2404K Datasheet PDF - Agilent(Hewlett-Packard)
Part # HFBR2404K
Download  HFBR2404K Download

File Size   700.72 Kbytes
Page   31 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports

HFBR2404K Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR2404K Datasheet PDF - Agilent(Hewlett-Packard)

Part # HFBR2404K
Download  HFBR2404K Click to download

File Size   700.72 Kbytes
Page   31 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports

HFBR2404K Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HFBR2404K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR2404K Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HFBR2404K Product details

Description
The HFBR-0400 Series of components is designed to provide cost effective, high performance fiber optic communication links for information systems and industrial applications with link distances of up to 4 kilometers. With the HFBR-24X6, the 125 MHz analog receiver, data rates of up to 175 megabaud are attainable.

Features
• Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
• Low Cost Transmitters and Receivers
• Choice of ST®, SMA, SC or FC Ports
• 820 nm Wavelength Technology
• Signal Rates up to 175 Megabaud
• Link Distances up to 4 km
• Specified with 50/125 µm, 62.5/125 µm, 100/140 µm, and 200 µm HCS® Fiber
• Repeatable ST Connections within 0.2 dB Typical
• Unique Optical Port Design for Efficient Coupling
• Auto-Insertable and Wave Solderable
• No Board Mounting Hardware Required
• Wide Operating Temperature Range -40°C to 85°C
• AlGaAs Emitters 100% Burn-In Ensures High Reliability
• Conductive Port Option with the SMA and ST Threaded Port Styles

Applications
• Local Area Networks
• Computer to Peripheral Links
• Computer Monitor Links
• Digital Cross Connect Links
• Central Office Switch/PBX Links
• Video Links
• Modems and Multiplexers
• Suitable for Tempest Systems
• Industrial Control Links




Similar Part No. - HFBR2404K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results


Similar Description - HFBR2404K

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com