Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-S200-G0BDG Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-S200-G0BDG Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-S200-G0BDG
Download  HLMP-S200-G0BDG Download

File Size   151.39 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 mm x 5 mm Rectangular LED Lamps

HLMP-S200-G0BDG Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-S200-G0BDG Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-S200-G0BDG
Download  HLMP-S200-G0BDG Click to download

File Size   151.39 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 mm x 5 mm Rectangular LED Lamps

HLMP-S200-G0BDG Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-S200-G0BDG Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S200-G0BDG Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S200-G0BDG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S200-G0BDG Datasheet HTML 4Page - Agilent(Hewlett-Packard)

HLMP-S200-G0BDG Product details

Description

The HLMP-S100, -S200, -S300, -S400, -S500, S600 are epoxy encapsulated lamps in rectangular packages which are easily stacked in arrays or used for discrete front panel indicators. Contrast and light uniformity are enhanced by a special epoxy diffusion and tinting process.



Features

• Rectangular Light Emitting Surface

• Excellent for Flush Mounting on Panels

• Choice of Five Bright Colors

• Long Life: Solid State Reliability

• Excellent Uniformity of Light Output




Similar Part No. - HLMP-S200-G0BDG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S200 HP-HLMP-S200 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
More results


Similar Description - HLMP-S200-G0BDG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com