Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.2M Datasheet (PDF) - NEC

RD2.2M Datasheet PDF - NEC
Part # RD2.2M
Download  RD2.2M Download

File Size   67.45 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ZENER DIODES 200 mW 3-PIN MINI MOLD

RD2.2M Datasheet (PDF)

Go To PDF Page Download Datasheet
RD2.2M Datasheet PDF - NEC

Part # RD2.2M
Download  RD2.2M Click to download

File Size   67.45 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ZENER DIODES 200 mW 3-PIN MINI MOLD

RD2.2M Datasheet (HTML) - NEC

RD2.2M Datasheet HTML 1Page - NEC RD2.2M Datasheet HTML 2Page - NEC RD2.2M Datasheet HTML 3Page - NEC RD2.2M Datasheet HTML 4Page - NEC RD2.2M Datasheet HTML 5Page - NEC RD2.2M Datasheet HTML 6Page - NEC RD2.2M Datasheet HTML 7Page - NEC RD2.2M Datasheet HTML 8Page - NEC

RD2.2M Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)




Similar Part No. - RD2.2M

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.2M NEC-RD2.2M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.2MW NEC-RD2.2MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results


Similar Description - RD2.2M

ManufacturerPart #DatasheetDescription
logo
NEC
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com