Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4946G-TL Datasheet (PDF) - Rohm

BD4946G-TL Datasheet PDF - Rohm
Part # BD4946G-TL
Download  BD4946G-TL Download

File Size   507.55 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard CMOS Voltage Detector IC

BD4946G-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
BD4946G-TL Datasheet PDF - Rohm

Part # BD4946G-TL
Download  BD4946G-TL Click to download

File Size   507.55 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard CMOS Voltage Detector IC

BD4946G-TL Datasheet (HTML) - Rohm

Back Button BD4946G-TL Datasheet HTML 1Page - Rohm BD4946G-TL Datasheet HTML 2Page - Rohm BD4946G-TL Datasheet HTML 3Page - Rohm BD4946G-TL Datasheet HTML 4Page - Rohm BD4946G-TL Datasheet HTML 5Page - Rohm BD4946G-TL Datasheet HTML 6Page - Rohm BD4946G-TL Datasheet HTML 7Page - Rohm BD4946G-TL Datasheet HTML 8Page - Rohm BD4946G-TL Datasheet HTML 9Page - Rohm BD4946G-TL Datasheet HTML 10Page - Rohm Next Button 

BD4946G-TL Product details

Description
ROHM’s BD48□□G/FVE and BD49□□G/FVE series are highly accurate, low current consumption reset IC series. The lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V in increments of 0.1V, so that the series may be selected according the application at hand.

Features
1) Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2) High accuracy detection voltage: ±1.0%
3) Ultra-low current consumption: 0.8μA (Typ.)
4) Nch open drain output (BD48□□G/FVE), CMOS output (BD49□□G/FVE)
5) Compact packages VSOF5: BD48□□FVE, BD49□□FVE
                                    SSOP5: BD48□□G, BD49□□G

Applications
    All electronic devices that use microcontrollers and logic circuits




Similar Part No. - BD4946G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4946G-TL ROHM-BD4946G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD4946G-TL ROHM-BD4946G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4946G-TL ROHM-BD4946G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4946G-TL ROHM-BD4946G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD4946G-TL ROHM-BD4946G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Similar Description - BD4946G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com