Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C1102 Datasheet (PDF) - Hynix Semiconductor

GMS81C1102 Datasheet PDF - Hynix Semiconductor
Part # GMS81C1102
Download  GMS81C1102 Download

File Size   1428.3 Kbytes
Page   89 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81C1102 Datasheet PDF - Hynix Semiconductor

Part # GMS81C1102
Download  GMS81C1102 Click to download

File Size   1428.3 Kbytes
Page   89 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C1102 Datasheet (HTML) - Hynix Semiconductor

Back Button GMS81C1102 Datasheet HTML 1Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 2Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 3Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 4Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 5Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 9Page - Hynix Semiconductor GMS81C1102 Datasheet HTML 10Page - Hynix Semiconductor Next Button 

GMS81C1102 Product details

Description
The GMS81C1102 and GMS81C1202 are an advanced CMOS 8-bit microcontroller with 2K bytes of ROM. The Hynix GMS81C1102 and GMS81C1202 are a powerful microcontroller which provides a highly flexible and cost effective solution to many small applications. The GMS81C1102 and GMS81C1202 provide the following standard features: 2K bytes of ROM, 128 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit High Speed PWM Output, Programmable Buzzer Driving Port (GMS81C1202 only), on-chip oscillator and clock circuitry. In addition, the GMS81C1102 and GMS81C1202 support power saving modes to reduce power consumption.

Features
• 2K bytes On-chip Program Memory
• 128 Bytes of On-Chip Data RAM
• Minimum Instruction execution time:
    - 500ns at 8MHz (2cycle NOP Instruction)
• 2.2V to 6.0V Wide Operating Range
• Basic Interval Timer
• Two 8-Bit Timer/ Counters
• 10-Bit High Speed PWM Output
• Two external interrupt ports (GMS81C1102 has one external interrupt port)
• One Programmable Buzzer Driving port (GMS81C1202 only)
• 15 Programmable I/O Lines (GMS81C1102 has 11 programmable I/O lines)
• Seven Interrupt Sources (GMS81C1102 has Six interrupt sources)
• 8-Channel 8-Bit On-Chip Analog to Digital Converter
• Watch dog timer
• Oscillation :
    - Crystal
    - Ceramic Resonator
    - External Oscillator
    - RC Oscillation
• Power Down Mode
    - STOP mode
    - Wake-up Timer mode
    - RC-WDT mode
• Power Fail Processor ( Noise Immunity Circuit )




Similar Part No. - GMS81C1102

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404-HG ETC1-GMS81C1404-HG Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404-HGXXX ETC1-GMS81C1404-HGXXX Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1404D HYNIX-GMS81C1404D Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS81C1102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com