Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C7008 Datasheet (PDF) - Hynix Semiconductor

GMS81C7008 Datasheet PDF - Hynix Semiconductor
Part # GMS81C7008
Download  GMS81C7008 Download

File Size   2064.65 Kbytes
Page   123 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C7008 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81C7008 Datasheet PDF - Hynix Semiconductor

Part # GMS81C7008
Download  GMS81C7008 Click to download

File Size   2064.65 Kbytes
Page   123 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C7008 Datasheet (HTML) - Hynix Semiconductor

Back Button GMS81C7008 Datasheet HTML 1Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 2Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 3Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 4Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 5Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 6Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 7Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 8Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 9Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 10Page - Hynix Semiconductor Next Button 

GMS81C7008 Product details

Description
The GMS81C7008/7016 is advanced CMOS 8-bit microcontrollers with 8K/16K bytes of ROM. There are a powerful microcontroller which provides a highly flexible and cost effective solution to many LCD applications. These provide the following standard features:16K/ 8K bytes of mask type ROM or 16K bytes OTP ROM, 448 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10 bit high speed PWM Output, programmable buzzer driving port, 8-bit basic interval timer, watch dog timer, serial peripheral interface, on chip oscillator and clock circuitry. They also come with 4com/24seg LCD driver. In addition, it support power saving mode to reduce power consumption.

Features
• 8K/16K Bytes On-chip Programmable ROM
• 448 Bytes of On-chip Data RAM (Included stack area and 27 nibbles LCD Display RAM)
• Instruction Execution Time 1µs at 4MHz (2cycle NOP Instruction)
• One 8-bit Basic Interval Timer
• One Watch Timer
• One Watchdog Timer
• Four 8-bit Timer/Event Counter (or Two 16-bit Timer/Event Counter)
• Two channel 10-bit High Speed PWM Output
• Three External Interrupt input ports
• One Programmable 6-bit Buzzer Driving port
    - 500Hz ~ 250kHz@4MHz
• 49 I/O Ports
• Eight channel 8-bit A/D converter
• One 8-bit Serial Communication Interface
• LCD Display/ Controller
    - Static Mode (27SEG x 1COM, Static)
    - 1/2 Duty Mode (26SEG x 2COM, 1/2 or 1/3 Bias)
    - 1/3 Duty Mode (25SEG x 3COM, 1/3 Bias)
    - 1/4 Duty Mode (24SEG x 4COM, 1/3 Bias)
    - Internal Built-in Resistor Circuit for Bias
• Thirteen Interrupt sources
    - Basic Interval Timer: 1
    - External input: 3
    - Timer/Event counter: 4
    - ADC: 1
    - Serial Interface: 1
    - WT:1
    - WDT: 1
    - Key Scan: 1
• Main Clock Oscillation (1.0~4.5MHz)
    - Crystal
    - Ceramic Resonator
    - External R Oscillator (Built-in Capacitor)
• Sub Clock Oscillation
    - 32.768kHz Crystal Oscillator
• Power Saving Operation Mode
    - Main / Sub Active mode changeable
    - 2/8/16/64 divided system clock selectable
• Power Down Mode
    - STOP mode
    - SLEEP mode
    - Sub active Mode
• 2.7V to 5.5V Wide Operating Voltage Range
• Noise Immunity Circuit for EMS
    - Power fail processor
    - Built in Noise filter
• 64SDIP, 64LQFP package types
• Available 16K bytes OTP version




Similar Part No. - GMS81C7008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMS81C7208 ETC1-GMS81C7208 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208LQ ETC1-GMS81C7208LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208Q ETC1-GMS81C7208Q Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216LQ ETC1-GMS81C7216LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS81C7008

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com