Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EI68C684 Datasheet (PDF) - IMP, Inc

EI68C684 Datasheet PDF - IMP, Inc
Part # EI68C684
Download  EI68C684 Download

File Size   36.01 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description QUAD UART

EI68C684 Datasheet (PDF)

Go To PDF Page Download Datasheet
EI68C684 Datasheet PDF - IMP, Inc

Part # EI68C684
Download  EI68C684 Click to download

File Size   36.01 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description QUAD UART

EI68C684 Datasheet (HTML) - IMP, Inc

EI68C684 Datasheet HTML 1Page - IMP, Inc EI68C684 Datasheet HTML 2Page - IMP, Inc

EI68C684 Product details

DESCRIPTION
The Epic Ei68C684/Ei88C684 Quad Universal Asynchronous Receiver and Transmitter (QUART) is a data communication device that provides four fully independent full duplex asynchronous communication channels in a single package. The QUART is designed for use in microprocessor based systems and may be used in a polled or interrupt driven environment.

FEATURES
• Full duplex, four channel asynchronous  receiver and transmitter
• Quadruple-buffered receiver and transmitter
• Internal bit rate generator with 23 industry  standard bit rates operating from either of  two standard crystal clocks
• Independent bit rate selection for each  receiver and transmitter
• Maximum bit rate: 1 x clock - 2 Mb/sec., 16  x clock- 250 Kb/sec.
• Normal, auto-echo, local loop-back and  remote loop-back modes
• Multi-function 16-bit counter/timer
• Programmable interrupt daisy chain
• Up to 32 I/O pins (depending on package  and version)
• Change of state detectors on inputs
• Multidrop mode compatible with 8051 ninebit mode
• Stop bits programmable in 1/16-bit increments
• Pin selectable 88xxx/68xxx interface
• Debounced reset pin (20 nsec. min)
• On-chip oscillator for crystal
• Programmable internal clock:X1/CLK or X1/CLK divided by 2
• Buffered system clock output pin
• Stand-by mode to reduce operating power
• Advanced CMOS low power technology




Similar Part No. - EI68C684

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
More results


Similar Description - EI68C684

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16C554 IMP-EI16C554 Datasheet
29Kb / 1P
   QUAD UART
logo
A1 PROs co., Ltd.
EI16C554 A1PROS-EI16C554 Datasheet
35Kb / 1P
   QUAD UART
logo
PLX Technology
OX16C954B PLX-OX16C954B Datasheet
192Kb / 2P
   High Performance Quad UART
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Exar Corporation
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
logo
KODENSHI_AUK CORP.
KK16C554PL KODENSHI-KK16C554PL Datasheet
503Kb / 21P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Exar Corporation
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com