Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C196KB Datasheet (PDF) - Intel Corporation

N80C196KB Datasheet PDF - Intel Corporation
Part # N80C196KB
Download  N80C196KB Download

File Size   337.46 Kbytes
Page   22 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER

N80C196KB Datasheet (PDF)

Go To PDF Page Download Datasheet
N80C196KB Datasheet PDF - Intel Corporation

Part # N80C196KB
Download  N80C196KB Click to download

File Size   337.46 Kbytes
Page   22 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER

N80C196KB Datasheet (HTML) - Intel Corporation

Back Button N80C196KB Datasheet HTML 1Page - Intel Corporation N80C196KB Datasheet HTML 2Page - Intel Corporation N80C196KB Datasheet HTML 3Page - Intel Corporation N80C196KB Datasheet HTML 4Page - Intel Corporation N80C196KB Datasheet HTML 5Page - Intel Corporation N80C196KB Datasheet HTML 6Page - Intel Corporation N80C196KB Datasheet HTML 7Page - Intel Corporation N80C196KB Datasheet HTML 8Page - Intel Corporation N80C196KB Datasheet HTML 9Page - Intel Corporation N80C196KB Datasheet HTML 10Page - Intel Corporation Next Button 

N80C196KB Product details

The 8XC196KB is a 16-bit microcontroller available in three different memory varieties: ROMless (80C196KB), 8K ROM (83C196KB) and 8K OTP (One Time Programmable—87C196KB). The 8XC196KB is a high performance member of the MCSÉ 96 microcontroller family.

■ 8 Kbytes of On-Chip ROM/OTP Available
■ 232 Byte Register File
■ Register-to-Register Architecture
■ 28 Interrupt Sources/16 Vectors
■ 1.75 ms 16 x 16 Multiply (16 MHz)
■ 3.0 ms 32/16 Divide (16 MHz)
■ Powerdown and Idle Modes
■ Five 8-Bit I/O Ports
■ 16-Bit Watchdog Timer
■ 12 MHz and 16 MHz Available
■ Dedicated 15-Bit Baud Rate Generator
■ Dynamically Configurable 8-Bit or
   16-Bit Buswidth
■ Full Duplex Serial Port
■ High Speed I/O Subsystem
■ 16-Bit Timer
■ 16-Bit Up/Down Counter with Capture
■ Pulse-Width-Modulated Output
■ Four 16-Bit Software Timers
■ 10-Bit A/D Converter with Sample/Hold
■ HOLD/HLDA Bus Protocol
■ Extended Temperature Available




Similar Part No. - N80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N80C196KC INTEL-N80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
Rochester Electronics
N80C196KC ROCHESTER-N80C196KC Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
N80C196KC-20 ROCHESTER-N80C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
logo
Intel Corporation
N80C196KC20 INTEL-N80C196KC20 Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N80C196KQ INTEL-N80C196KQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Similar Description - N80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
   Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
80C196JQ INTEL-80C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C198 INTEL-87C198 Datasheet
833Kb / 19P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com